Part Number Hot Search : 
PSP4801 60PVL1 SP600212 8P05S UT54A LA6529M CXA2581 56HFA
Product Description
Full Text Search
 

To Download EB72F51C28AV2-20000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB72F51 Series
* Oven Controlled Crystal Oscillator (OCXO) * AT-Cut * HCMOS output * 3.3V supply voltage * 14 pin DIP package * External control voltage option available * Stability to 200ppb * Custom lead length, gull wing options available
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range (OTR) Storage Temperature Range Supply Voltage (VDD) Frequency Tolerance / Stability vs. Initial Tolerance vs. Temperature Stability vs. Vdd vs. Load vs. Aging (1 Day) vs. Aging (1 Year) vs. Aging (10 Years) Crystal Cut Warm Up Time Power Consumption
EB72F51
H 13.2 L 20.3 W 13.0
OSCILLATOR
10.000MHz, 12.288MHz, 12.800MHz, 16.000MHz, 19.440MHz, or 20.000MHz 0C to 50C, 0C to 70C, or -20C to 70C -55C to 125C 3.3VDC 5% at Nominal VDD and VC, at 25C at Nominal VDD and VC VDD 5% Vload 5% after 72 Hours of Operation after 72 Hours of Operation after 72 Hours of Operation to 500ppb of Final Frequency at 1 Hour at 25C at Steady State, at 25C During Warm Up, at 25C IOH = -4mA IOL = +4mA Measured at 20% to 80% of Waveform Measured at 50% of Waveform 1.0ppm or 500ppb Maximum 200ppb, 280ppb, or 500ppb Maximum 50ppb Maximum 50ppb Maximum 30ppb Maximum 500ppb Maximum 3.0ppm Maximum AT-Cut 3 Minutes Maximum 1.6 Watts Maximum 2.5 Watts Maximum 2.6VDC Minimum 0.4VDC Maximum 6nSec Maximum 50 5(%) 15pF HCMOS Load 5ppm Minimum 0.0VDC to VDD 1.65VDC 1.65VDC Positive Transfer Characteristic 10% Maximum 10kOhms Typical -95dBc/Hz -120dBc/Hz -135dBc/Hz -140dBc/Hz
VOLTAGE CLASS REV.DATE
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Referenced to FO at VC = 1.65VDC; VDD=3.3VDC over OTR Frequency Deviation Control Voltage Range Control Voltage (VC) Transfer Function Linearity Input Impedance Typical Phase Noise (at 12.800MHz) at 10Hz Offset at 100Hz Offset at 1kHz Offset at 10kHz Offset
MANUFACTURER CATEGORY SERIES PACKAGE
ECLIPTEK CORP.
OSCILLATOR
EB72F51
14 pin DIP
3.3V
OS2A
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EB72F51 C 10 B V 2 - 20.000M - CL125
INITIAL TOLERANCE C= 1.0ppm D= 500ppb FREQUENCY STABILITY 2 Digit Code Per Table 1 OPERATING TEMPERATURE RANGE (OTR) 1 Letter Code Per Table 1 AVAILABLE OPTIONS Blank=None (Standard) CLXXX=Custom Lead Length G=Full Size Gull Wing FREQUENCY DUTY CYCLE 2=50% 5% VOLTAGE CONTROL OPTION N=None (No Connect on Pin 1) V=Voltage Control on Pin 1
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: No Connect or Voltage Control Pin 7: Case Ground Pin 8: Output Pin 14: Supply Voltage
MARKING SPECIFICATIONS
Line 1: ECLIPTEK ENVIRONMENTAL/MECHANICAL SPECIFICATIONS Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Characteristic Gross Leak Test Mechanical Shock Vibration Lead Integrity Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents
Specification MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 210 MIL-STD-883, Method 215 Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB72F51
14 pin DIP
3.3V
OS2A
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EB72F51C28AV2-20000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X